Part Number Hot Search : 
1SHA15ID RCA33W Q8040K7 2SD1163 250R180 MOC30 MB90362S F4010
Product Description
Full Text Search
 

To Download SDR1105-100ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E6 series Low height of only 4.8 mm High Irms of 4.0 amps RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for:
*R
oH
S
CO
M
NT
* Portable communications equipment * Camcorders * LCD TVs * CD-players * Car radios
SDR1105 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % RDC () I rms Max. (A) I sat Typ. (A)
SDR1105-100ML SDR1105-120ML SDR1105-150ML SDR1105-180ML SDR1105-220ML SDR1105-270ML SDR1105-330KL SDR1105-390KL SDR1105-470KL SDR1105-560KL SDR1105-680KL SDR1105-820KL SDR1105-101KL SDR1105-151KL SDR1105-201KL
10 12 15 18 22 27 33 39 47 56 68 82 100 150 200

20 20 20 20 20 20 10 10 10 10 10 10 10 10 10
0.045 0.048 0.052 0.070 0.080 0.090 0.100 0.140 0.170 0.200 0.210 0.300 0.320 0.500 0.650
4.00 3.80 3.50 3.30 3.00 2.80 2.60 2.40 2.20 2.00 1.80 1.60 1.50 1.20 1.00
8.0 8.0 8.0 7.0 6.5 5.0 5.0 4.5 4.0 3.5 3.5 3.0 2.8 2.3 1.8
General Specifications Test Frequency ..............................1 KHz Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ...............................Ferrite DR core Wire ...................Enamelled copper wire Base.................................................FR-4 Terminal.....................................Cu/Ni/Au Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................800 pcs. per reel Product Dimensions
10.0 + 0.2 (.394 + .007)
Electrical Schematic
START
11.1 0.2 (.437 .007)
Packaging Specifications
330 (12.992) DIA. 2.0 0.5 (.079 .020) 30.4 (1.20)
4.8 0.2 (.189 .008)
21 0.8 (.827 .039)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY 2.0 0.2 (.079 .008)
2.0 0.2 (.079 .008)
13.0 0.5 DIA. (.512 .020)
EMBOSSED CARRIER
26 (1.024)
7.1 0.3 (.280 .012)
2.0 0.2 (.079 .008)
24 (.945)
DIMENSIONS:
MM (INCHES)
QTY: 800 PCS. PER REEL REV. 05/05 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR1105-100ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X